Part Number Hot Search : 
AD8602AR 71WS256 200GB T600C A1774 2SD668 ADP7105 A12BB
Product Description
Full Text Search
 

To Download R12SD12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUROLINE - DC/DC-Converter
RxxSDxx Series, 1 Watt, SMD, 1kVDC Isolation (Dual Output) Features
Wide Temperature Performance at full 1 Watt Load, -40C to +85C 1kVDC Isolation Efficiency to 78% Selection Guide 5V and 12V input types
Part Number Voltage R05SD05 R05SD09 R05SD12 R05SD15 R12SD05 R12SD09 R12SD12 R12SD15 Nom. Input Voltage (VDC) 5 5 5 5 12 12 12 12

UL 94V-O Package Material Internal SMD Construction MTTF up to 2.1 Million Hours Power Sharing on Dual Output
Rated Output Voltage (VDC) 5 9 12 15 5 9 12 15
Rated Output Current (mA) 100 55 42 33 100 55 42 33
Input Current at Rated Load (mA) 290 267 260 256 121 113 111 110
Efficiency (%) 69 75 77 78 69 74 75 76
Isolation Capacitance (pF) 33 38 44 43 50 72 89 100
Package Style
SMD 18 Pin
Absolute Maximum Ratings
Input Voltage VIN Short Circuit Duration 1) Internal Power Dissipation Lead Temperature (1.5 mm from case for 10 seconds)
1).
5V types 12V types
7V 15V 1s 550mW 300 C
Supply voltage must be discontinued at the end of the short circuit duration.
Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range VIN (continuous operation) Reflected Ripple Current (depending on the type) Voltage Set Point Accuracy Line Regulation Load Voltage Regulation (10% load to rated load) 5V output types 9V output types 12V output types 15V output types 5V input types 12V input types 4.5VDC min. / 5.5VDC max. 10.8VDC min. / 13.2VDC max. 41 mA p-p min. to 47 mA p-p max. See Tolerance Envelope 1.0% / 1.2% of VIN 10% min. / 12% max. 6.5% min. / 8.0% max. 6.0% min. / 8.5% max. 6.0% min. / 7.0% max. 35mVp-p min. / 110mVp-p max. 1000VDC min. 1000 Vpk min. 10 G min. VIN all types 115kHz typ. 1.53 g -40C min. to +85C max. (see graph) -55C min. +125C max. 5V output types all other types -40C +25C +85C +46C max. +35C max. 184kHrs min. / 2068kHrs max. 154kHrs min. / 1697kHrs max. 129kHrs min. / 1368kHrs max.
Ripple & Noise (20MHz band limited), (depending on the type) Isolation Voltage (flash tested for 1 second) Test Voltage (50Hz, 10 seconds) Resistance (Viso = 1000V) Switching Frequency at Full Load Package Weight Operating Temperature Range (all output types) Storage Temperature Range Case Temperature above Ambient (depending on the type) MTTF 2) (depending on the type)
2).
Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected..
EU 14
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxSDxx Series, 1 Watt, SMD, 1kVDC Isolation (Dual Output) Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R05SDxx
80 0512, 0515 Deviation from Nominal (%) 60 0505 40 0509 +25 +20 +15 +5 0 -5 -10 0 20 40 0505 60 80 100 10% 50% 100% 0515 0509 0512 Output Voltage +10
Tolerance Envelope
+10% +5% V Nom.
Typical Lo ad Line
+2,5% - 2,5% - 7,5%
Efficiency (%)
20
0
20
40
60
80
100
Total Output Current (%)
Total Output Current (%)
Output Load Current (%)
R12SDxx
80 60 40 1212, 1215 1209 1205 Deviation from Nominal (%) +25 +20 +15 +10 +5 0 -5 -10 0 20 40 60 80 100 Total Output Current (%) 1215 1212 1209 1205
Temperature Derating Graph
2.0 Output Power (Watts) 1.5 1.0 0.5 0 -40
Safe Operating Area
Efficiency (%)
20
0
50
100 85
150
0
20
40
60
80
100
Total Output Current (%)
Ambient Temperature C
Package Style and Pinning (mm)
10 Pin SMD Package Style Recommended Footprint Details
1.20
NC 10 12 GND VCC +V 7
Top View
45 0V -V
10.30
1.80
10.16
15.24 7.62 Detail A 11.30 8.20
RxxSDxx RECOM ****
Reference Plane 0.55 1.00
0.50 5
2.54
15.24 14.70 5.40 1.65 10.16 0.20 1.55
8.20 7.90 Detail A
7.40
0.25 0.05
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
EU 15


▲Up To Search▲   

 
Price & Availability of R12SD12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X